Part Number Hot Search : 
MM3Z12 74AC3 V91916 MSDW1000 LS301 70022 P6KE10 7A175
Product Description
Full Text Search
 

To Download SB10100FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB10100FCT SB10100FCT
SCHOTTKY BARRIER RECTIFIER
VOLTAGE: 100V VOLTAGE: CURRENT: 10.0A .0A
FEATURE
High current capability, Low forward voltage drop Low power loss, high efficiency High surge capability High temperature soldering guaranteed 250C /10sec/0.375" lead length at 5 lbs tension
ITO-220AB
MECHANICAL DATA
Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C Case: Molded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: Common Cathode Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Forward Voltage at 5A Maximum DC Reverse Current at rated DC blocking voltage Typical Thermal Resistance Ta =25C Ta =110C (Note 1) Vrrm Vrms Vdc If(av) Ifsm Vf Ir Rth(jc) Tj Tstg SB10100FCT SB10100FCT 100 70 100 10 150 0.76 50 4.5 4.2 -65 to +175 units V V V A A V A mA C/W C
Operating Junction and Storage Temperature Ramge Note: 1.Thermal Resistance from Junction to Case
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES SB10100FCT SB10100FCT
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of SB10100FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X